Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3997 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3997
Description  Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3997 Datasheet(HTML) 4 Page - Texas Instruments

  LP3997 Datasheet HTML 1Page - Texas Instruments LP3997 Datasheet HTML 2Page - Texas Instruments LP3997 Datasheet HTML 3Page - Texas Instruments LP3997 Datasheet HTML 4Page - Texas Instruments LP3997 Datasheet HTML 5Page - Texas Instruments LP3997 Datasheet HTML 6Page - Texas Instruments LP3997 Datasheet HTML 7Page - Texas Instruments LP3997 Datasheet HTML 8Page - Texas Instruments LP3997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LP3997
SNVS272B – MAY 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Unless otherwise noted, SD = 950mV, VIN = VOUT + 1.0V, CIN = 2.2 µF, IOUT = 1 mA, COUT = 2.2 µF and CBYP = 0.1 µF.
Typical values and limits appearing in normal type apply for TJ = 27°C. Limits appearing in boldface type apply over the full
temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Test Conditions
Typ
Unit
Min
Max
VIN
Input Voltage
2
6
V
ΔVOUT
Output Voltage Tolerance
Over full line and load regulation
-1.5
+1.5
%
-3
+3
Line Regulation Error
VIN = (VOUT(NOM) + 1.0V) to 6.0V,
0.02
0.3
%/V
IOUT = 1mA
Load Regulation Error
IOUT = 1mA to 250mA
20
80
µV/mA
VDO
Dropout Voltage(2)
IOUT = 250mA
140
400
mV
ILOAD
Load Current
See (3) (4)
0
µA
IQ
Quiescent Current
SD = 950mV, IOUT = 0mA
55
100
SD = 950mV, IOUT = 250mA
80
150
µA
SD = 0.4V
0.01
0.5
ISC
Short Circuit Current Limit
See (5)
600
1000
mA
IOUT
Maximum Output Current
250
mA
PSRR
Power Supply Rejection Ratio
CBYP = 0.1µF
f = 1kHz, IOUT =
61
1mA to 150mA
f = 10kHz, IOUT =
55
150mA
dB
Without CBYP
f = 1kHz, IOUT =
61
1mA to 150mA
f = 10kHz, IOUT =
39
150mA
w/o CBYP
180
BW = 10Hz to 100kHz,
en
Output noise Voltage(4)
µVRMS
VIN = VOUT(nom) +1V
CBYP = 0.1µF
100
TSHUTDOWN
Thermal Shutdown
Temperature
150
°C
Hysteresis
10
Shutdown Control Characteristics
ISD
Maximum Input Current at SD
SD = 0.0V
0.01
µA
Input
SD = 6V (6)
1
VIL
Low Input Threshold
VIN = 2V to 6V
0.4
V
VIH
High Input Threshold
VIN = 2V to 6V
0.95
V
Error Flag Characteristics
VTH
Power Good Trip Threshold
VIN Rising
95
91
99
%VOUT
VHYST
Hysteresis
VIN Rising or Falling
2.5
%VOUT
VOL
ErrorError OutputOutput low
ISINK = 2mA
0.1
0.4
V
Voltage
IOFF
Error Output High Leakage
ERROR = VOUT(NOM)
10
2000
nA
IDELAY
Delay Pin Current Source
VOUT > 95% VOUT(NOM)
2.2
1.2
3
µA
(1)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated
using Statistical Quality Control methods. Operation over the temperature specification is ensured by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
Dropout voltage is defined as the voltage difference between input and output when the output voltage drops 100mV below its nominal
value.
(3)
The device maintains the regulated output voltage without the load.
(4)
This electrical specification is ensured by design.
(5)
Short circuit current is measured on the input supply line at the point when the short circuit condition reduces the output voltage to 5% of
its nominal value.
(6)
SD Pin has 6M
Ω typical, resistor connected to GND.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com