Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLS Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZLS
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLS Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZLS Datasheet HTML 1Page - RUBYCON CORPORATION ZLS Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLS
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz
−10℃, 100kHz
Impedance
(Ω MAX)
10
16
680
1000
1000
1500
1500
1800
2200
3300
3900
4700
5600
470
680
680
1000
1000
1500
1800
2200
2200
2700
3300
3900
330
390
470
560
680
820
1000
1000
1500
1800
2200
2700
220
270
330
390
470
560
680
1000
1200
1500
1800
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
10×25
12.5×20
12.5×25
12.5×30
12.5×35
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×23
12.5×20
12.5×25
12.5×30
12.5×35
900
1210
1240
1410
1650
1960
2250
2480
2900
3450
3570
900
1210
1240
1410
1650
1960
2250
2500
2480
2900
3450
3570
900
1210
1240
1410
1650
1960
1960
2250
2480
2900
3450
3570
900
1210
1240
1410
1650
1960
2250
2480
2900
3450
3570
0.062
0.048
0.045
0.033
0.032
0.020
0.018
0.017
0.015
0.013
0.012
0.062
0.048
0.045
0.033
0.032
0.020
0.018
0.017
0.017
0.015
0.013
0.012
0.062
0.048
0.045
0.033
0.032
0.020
0.020
0.018
0.017
0.015
0.013
0.012
0.062
0.048
0.045
0.033
0.032
0.020
0.018
0.017
0.015
0.013
0.012
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.031
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.051
0.043
0.038
0.033
0.031
0.19
0.15
0.14
0.11
0.10
0.060
0.060
0.054
0.043
0.038
0.033
0.031
0.19
0.15
0.14
0.11
0.10
0.060
0.054
0.043
0.038
0.033
0.031
25
35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com