Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1426 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1426
Description  1.2A Dual High-Speed MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1426 Datasheet(HTML) 2 Page - Microchip Technology

  TC1426 Datasheet HTML 1Page - Microchip Technology TC1426 Datasheet HTML 2Page - Microchip Technology TC1426 Datasheet HTML 3Page - Microchip Technology TC1426 Datasheet HTML 4Page - Microchip Technology TC1426 Datasheet HTML 5Page - Microchip Technology TC1426 Datasheet HTML 6Page - Microchip Technology TC1426 Datasheet HTML 7Page - Microchip Technology TC1426 Datasheet HTML 8Page - Microchip Technology TC1426 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1426/TC1427/TC1428
DS21393B-page 2
 2002 Microchip Technology Inc.
Functional Block Diagram
Input
V+
≈2.5mA
≈500µA
NOTE: TC1428 has one inverting and one noninverting driver.
Ground any unused driver input.
Inverting
Output
Noninverting
Output
(TC1426)
(TC1427)
GND
TC1426 Inverting
TC1427 Noninverting
TC1428 Inverting/Noninverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com