Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2117 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC2117
Description  800mA Fixed Low Dropout Positive Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2117 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC2117 Datasheet HTML 2Page - Microchip Technology TC2117 Datasheet HTML 3Page - Microchip Technology TC2117 Datasheet HTML 4Page - Microchip Technology TC2117 Datasheet HTML 5Page - Microchip Technology TC2117 Datasheet HTML 6Page - Microchip Technology TC2117 Datasheet HTML 7Page - Microchip Technology TC2117 Datasheet HTML 8Page - Microchip Technology TC2117 Datasheet HTML 9Page - Microchip Technology TC2117 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC2117
DS21665B-page 6
© 2002 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Output Noise vs. Frequency
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (
°C)
Line Regulation vs. Temperature
-40
°C
0
°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (°C)
Load Regulation vs. Temperature
1mA to 800mA
VOUT = 3V
VIN = 3.5V to 6.0V
VOUT = 2.5V
IOUT = 0.1mA
CIN = 1µF
C
= 1
µF
OUT
V
= 6.0V
IN
V
= 5V
OUT
I
= 100mA
OUT
-40
°C 0°C
25
°C
70
°C
85
°C 125°C
25
°C
70
°C 85°C 125°C
0.600
0.550
0.500
0.450
0.400
0.350
0.300
0.250
0.200
0.150
0.100
0.050
0.000
0 100
200 300 400 500 600 700 800
ILOAD (mA)
Dropout Voltage vs. ILOAD
TEMPERATURE (°C)
3.030
3.020
3.010
3.000
2.990
2.980
2.970
2.960
2.950
2.940
2.930
2.920
3.0V VOUT vs. Temperature
150
135
120
105
90
75
60
45
30
15
0
IDD vs. Temperature
85
°C
125
°C
-40
°C
0
°C
25
°C
70
°C
ILOAD= 0.1mA
ILOAD= 300mA
ILOAD = 500mA
ILOAD = 800mA
VOUT = 2.5V
VOUT = 5V
VOUT = 3V
VIN = VOUT +1V
IOUT = 0.1mA
-40
°C 0°C
25
°C
70
°C
85
°C 125°C
TEMPERATURE (°C)
-40
°C 0°C
25
°C
70
°C
85
°C 125°C
Power Supply Rejection Ratio
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
10
100
1k
10k
100k
1M
VOUT
IOUT = 300mA
VIN = 4.0V to 5.0V
COUT = 10µF Tantalum (0.25Ω ESR)
CIN = NA
Line Step Response
VIN = 4.0V
VOUT = 3.0V
CIN = 1µF Ceramic
COUT = 10µF Tantalum (0.25Ω ESR)
IOUT = 6mA to 600mA
Load Step Response
VINDC = 4V
IINAC = 50mVp-p
VOUTDC = 3V
IOUT = 60mA
COUT = 10
µF Tantalum
50mV/DIV
600mA/DIV
50mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com