Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433COG Datasheet(PDF) 14 Page - Microchip Technology

Part # TC14433COG
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433COG Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC14433COG Datasheet HTML 10Page - Microchip Technology TC14433COG Datasheet HTML 11Page - Microchip Technology TC14433COG Datasheet HTML 12Page - Microchip Technology TC14433COG Datasheet HTML 13Page - Microchip Technology TC14433COG Datasheet HTML 14Page - Microchip Technology TC14433COG Datasheet HTML 15Page - Microchip Technology TC14433COG Datasheet HTML 16Page - Microchip Technology TC14433COG Datasheet HTML 17Page - Microchip Technology TC14433COG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TC14433/A
DS21394B-page 14
© 2002 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Package marking data not available at this time.
6.2
Taping Form
Component Taping Orientation for 24-Pin SOIC (Wide) Devices
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
24-Pin SOIC (W)
24 mm
12 mm
1000
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Component Taping Orientation for 28-Pin PLCC Devices
Standard Reel Component Orientation
for TR Suffix Device
User Direction of Feed
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
28-Pin PLCC
24 mm
16 mm
750
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com