Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38856 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 3 Page - Texas Instruments

  LP38856 Datasheet HTML 1Page - Texas Instruments LP38856 Datasheet HTML 2Page - Texas Instruments LP38856 Datasheet HTML 3Page - Texas Instruments LP38856 Datasheet HTML 4Page - Texas Instruments LP38856 Datasheet HTML 5Page - Texas Instruments LP38856 Datasheet HTML 6Page - Texas Instruments LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TAB
IS
GND
BIAS
OUT
GND
EN
1
2
3
4
5
IN
TAB
IS
GND
BIAS
OUT
GND
EN
1
2
3
4
5
IN
LP38856
www.ti.com
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
5 Pin Configuration and Functions
KTT Package
NDH Package
5-Pin DDPAK/TO-263
5-Pin TO-220
Top View
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
EN
I
The device enable pin.
2
IN
I
The unregulated input voltage pin
3
GND
—
Ground
4
OUT
O
The regulated output voltage pin
5
BIAS
I
The supply for the internal control and reference circuitry
The TAB is a thermal connection that is physically attached to the backside of the die, and is
TAB
TAB
—
used as a thermal heat-sink connection. See the Application and Implementation section for
details
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power dissipation(3)
Internally limited
VIN
Supply voltage (survival)
–0.3
6
V
VBIAS
Supply voltage (survival)
–0.3
6
V
VEN
Voltage (survival)
–0.3
6
V
VOUT
Voltage (survival)
–0.3
6
V
IOUT
Current (survival)
Internally Limited
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Device power dissipation must be de-rated based on device power dissipation (TD), ambient temperature (TA), and package junction to
ambient thermal resistance (RθJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See Application and Implementation for details.
6.2 ESD Ratings
VALUE
UNIT
Electrostatic
V(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
discharge
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com