Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38869 Datasheet HTML 13Page - Texas Instruments LP38869 Datasheet HTML 14Page - Texas Instruments LP38869 Datasheet HTML 15Page - Texas Instruments LP38869 Datasheet HTML 16Page - Texas Instruments LP38869 Datasheet HTML 17Page - Texas Instruments LP38869 Datasheet HTML 18Page - Texas Instruments LP38869 Datasheet HTML 19Page - Texas Instruments LP38869 Datasheet HTML 20Page - Texas Instruments LP38869 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LP38869
www.ti.com
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
BOARD TYPE
THERMAL VIAS
θJA
JEDEC 2-Layer
None
141°C/W
JESD 51-3
0
131°C/W
1
78°C/W
2
65°C/W
JEDEC 4-Layer
3
59°C/W
JESD 51-7
4
56°C/W
6
53°C/W
9
50°C/W
Noise, PSRR, and Transient Response
The LP38869 is designed to achieve low dropout voltage and low quiescent current in battery-powered systems
while still maintaining good noise, transient response, and AC rejection (see PSRR vs. Frequency in the Typical
Operating Characteristics). When operating from very noisy sources, supply noise rejection and transient
response can be improved by increasing the input and output capacitor values and employing passive post
filtering. The LP38869 output noise is typically 50 µVRMS.
Reverse Input-Output Voltage
A reverse voltage condition will exist when the voltage at the output pin is higher than the voltage at the input pin.
Typically this will happen when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed. Alternately, this could also happen if a secondary supply is
connected to the LP38869 output.
While VIN is greater than the UVLO threshold, and the SHDN pin is above the VSHDN(ON) threshold, the control
loop circuitry will attempt to regulate the output voltage. Since the input voltage is less than the output voltage the
control circuit will drive the gate of the pass element to the full ON condition when the output voltage begins to
fall. In this condition, reverse current will flow from the output pin to the input pin, limited only by the RDS(ON) of
the pass element and the output to input voltage differential. This will condition will continue until VIN falls below
the UVLO threshold, or the SHDN pin voltage falls below the VSHDN(OFF) threshold.
The internal PFET pass element in the LP38869 has an inherent parasitic (body) diode. During normal operation,
the input voltage is higher than the output voltage and the body diode is reverse biased. However, if the output is
turned OFF, either by VIN < UVLO or VSHDN < VSHDN(OFF), and the output voltage is more than 500 mV (typical)
above the input voltage the body diode becomes forward biased and current flows from the output pin to the
input pin through the body diode.
The reverse current in the body diode should be limited to less than 1A continuous and less than 5A peak.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com