Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3401 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC3401
Description  16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3401 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC3401 Datasheet HTML 7Page - Microchip Technology TC3401 Datasheet HTML 8Page - Microchip Technology TC3401 Datasheet HTML 9Page - Microchip Technology TC3401 Datasheet HTML 10Page - Microchip Technology TC3401 Datasheet HTML 11Page - Microchip Technology TC3401 Datasheet HTML 12Page - Microchip Technology TC3401 Datasheet HTML 13Page - Microchip Technology TC3401 Datasheet HTML 14Page - Microchip Technology TC3401 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21410B-page 11
TC3401
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Package marking data not available at this time.
4.2
Taping Forms
Component Taping Orientation for 16-Pin QSOP (Narrow) Devices
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
16-Pin QSOP (N)
12 mm
8 mm
2500
13 in
Carrier Tape, Reel Size, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com