Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3404 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC3404
Description  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3404 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC3404 Datasheet HTML 8Page - Microchip Technology TC3404 Datasheet HTML 9Page - Microchip Technology TC3404 Datasheet HTML 10Page - Microchip Technology TC3404 Datasheet HTML 11Page - Microchip Technology TC3404 Datasheet HTML 12Page - Microchip Technology TC3404 Datasheet HTML 13Page - Microchip Technology TC3404 Datasheet HTML 14Page - Microchip Technology TC3404 Datasheet HTML 15Page - Microchip Technology TC3404 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TC3404
DS21413B-page 12
© 2002 Microchip Technology Inc.
4.3
Package Dimensions
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.150 (3.81)
.115 (2.92)
.770 (19.56)
.740 (18.80)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.045 (1.14)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.020 (0.51)
.270 (6.86)
.240 (6.10)
.200 (5.08)
.140 (3.56)
.014 (0.36)
.008 (0.20)
.400 (10.16)
.310 (7.87)
16-Pin PDIP (Narrow)
PIN 1
10
° MAX.
Dimensions: inches (mm)
8
°
MAX.
PIN 1
.157 (3.99)
.150 (3.81)
.196 (4.98)
.189 (4.80)
.012 (0.31)
.008 (0.21)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.19)
.050 (1.27)
.016 (0.41)
.244 (6.20)
.228 (5.80)
.025
(0.635)
TYP.
16-Pin QSOP (Narrow)
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com