Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC429CPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC429CPA
Description  6A Single High-Speed, CMOS Power MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC429CPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC429CPA Datasheet HTML 4Page - Microchip Technology TC429CPA Datasheet HTML 5Page - Microchip Technology TC429CPA Datasheet HTML 6Page - Microchip Technology TC429CPA Datasheet HTML 7Page - Microchip Technology TC429CPA Datasheet HTML 8Page - Microchip Technology TC429CPA Datasheet HTML 9Page - Microchip Technology TC429CPA Datasheet HTML 10Page - Microchip Technology TC429CPA Datasheet HTML 11Page - Microchip Technology TC429CPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC429
DS21416B-page 8
 2002 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
60
50
40
30
20
10
5
10
15
20
SUPPLY VOLTAGE (V)
Rise/Fall Times vs. Supply Voltage
T
°C
L
60
50
40
30
20
10
0
75
°C)
Rise/Fall Times vs. Temperature
-50 -25
25 50
100 125 150
tR
tR
tF
tF
100
10
1
100
1K
10K
CAPACITIVE LOAD (pF)
Rise/Fall Times vs. Capacitive Load
tR
tF
T
V
90
80
70
60
50
40
0
75
°C)
Delay Times vs. Temperature
-50 -25
25 50
100 125
tD2
tD1
70
60
50
40
30
20
10
0
10
100
1K
10K
CAPACITIVE LOAD (pF)
200kHz
20kHz
Supply Current vs. Capacitive Load
TA
°C
V
400kHz
140
120
100
80
60
40
5
Delay Times vs. Supply Voltage
10
15
20
SUPPLY VOLTAGE (V)
tD1
tD2
T
°C
C
p
= 2500pF
L
VDD = +15V
150
50
40
30
20
10
0
1
10
100
1K
1
15V
10V
VDD = 18V
5V
T
°C
CL
FREQUENCY (kHz)
Supply Current vs. Frequency
4
2
0
4
8
12
16
20
Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
4
3
2
-75
-25
50
100
150
Supply Current vs. Temperature
°C)
-50
0
25
75
125
T = +25
°C
C
C
RL = ∞
V
= +18
°C
C
RL = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com