Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS4UD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESDXS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS4UD Datasheet(HTML) 2 Page - NXP Semiconductors

  PESDXS4UD Datasheet HTML 1Page - NXP Semiconductors PESDXS4UD Datasheet HTML 2Page - NXP Semiconductors PESDXS4UD Datasheet HTML 3Page - NXP Semiconductors PESDXS4UD Datasheet HTML 4Page - NXP Semiconductors PESDXS4UD Datasheet HTML 5Page - NXP Semiconductors PESDXS4UD Datasheet HTML 6Page - NXP Semiconductors PESDXS4UD Datasheet HTML 7Page - NXP Semiconductors PESDXS4UD Datasheet HTML 8Page - NXP Semiconductors PESDXS4UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PESDXS4UD_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 August 2009
2 of 12
NXP Semiconductors
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
2.
Pinning information
3.
Ordering information
4.
Marking
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S4UD
-
215
300
pF
PESD5V0S4UD
-
165
220
pF
PESD12VS4UD
-
73
100
pF
PESD15VS4UD
-
60
90
pF
PESD24VS4UD
-
45
70
pF
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode 1
2
common anode
3
cathode 2
4
cathode 3
5
common anode
6
cathode 4
13
2
4
5
6
006aaa156
6
1
5
2
4
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3S4UD
SC-74
plastic surface-mounted package (TSOP6);
6 leads
SOT457
PESD5V0S4UD
PESD12VS4UD
PESD15VS4UD
PESD24VS4UD
Table 4.
Marking codes
Type number
Marking code
PESD3V3S4UD
K4
PESD5V0S4UD
K5
PESD12VS4UD
K6
PESD15VS4UD
K7
PESD24VS4UD
K8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com