Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS2UT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESDXS2UT
Description  Double ESD protection diodes in SOT23 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS2UT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESDXS2UT Datasheet HTML 3Page - NXP Semiconductors PESDXS2UT Datasheet HTML 4Page - NXP Semiconductors PESDXS2UT Datasheet HTML 5Page - NXP Semiconductors PESDXS2UT Datasheet HTML 6Page - NXP Semiconductors PESDXS2UT Datasheet HTML 7Page - NXP Semiconductors PESDXS2UT Datasheet HTML 8Page - NXP Semiconductors PESDXS2UT Datasheet HTML 9Page - NXP Semiconductors PESDXS2UT Datasheet HTML 10Page - NXP Semiconductors PESDXS2UT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2004 Apr 15
7
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
VR (V)
05
4
23
1
001aaa148
120
160
80
200
240
Cd
(pF)
40
(1)
(2)
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
Tamb = 25 °C; f = 1 MHz.
(1) PESD3V3S2UT; VRWM = 3.3 V.
(2) PESD5V2S2UT; VRWM = 5 V.
VR (V)
025
20
10
15
5
001aaa149
20
30
10
40
50
Cd
(pF)
0
(1)
(3)
(2)
Fig.7
Diode capacitance as a function of reverse
voltage; typical values.
Tamb = 25 °C; f = 1 MHz.
(1) PESD12VS2UT; VRWM = 12 V.
(2) PESD15VS2UT; VRWM = 15 V.
(3) PESD24VS2UT; VRWM = 24 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com