Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4423 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4423
Description  3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4423 Datasheet(HTML) 3 Page - Microchip Technology

  TC4423 Datasheet HTML 1Page - Microchip Technology TC4423 Datasheet HTML 2Page - Microchip Technology TC4423 Datasheet HTML 3Page - Microchip Technology TC4423 Datasheet HTML 4Page - Microchip Technology TC4423 Datasheet HTML 5Page - Microchip Technology TC4423 Datasheet HTML 6Page - Microchip Technology TC4423 Datasheet HTML 7Page - Microchip Technology TC4423 Datasheet HTML 8Page - Microchip Technology TC4423 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4423
TC4424
TC4425
TC4423/4/5-6 10/21/96
© 2001 Microchip Technology Inc.
DS21421A
Figure 1. Inverting Driver Switching Time
Figure 2. Noninverting Driver Switching Time
OUTPUT
INPUT
0.1
µF CERAMIC
+5V
INPUT
10%
90%
10%
90%
10%
90%
16V
OUTPUT
tD1
tF
C = 1800pF
L
1
µF
WIMA
MKS-2
VDD = 16V
0V
0V
TC4423
(1/2 TC4425)
Test Circuit
1
2
tD2
tR
INPUT: 100 kHz,
square wave,
tRISE = tFALL
≤ 10 nsec
90%
10%
10%
10%
tD1
+5V
INPUT
16V
OUTPUT
0V
0V
90%
90%
OUTPUT
INPUT
0.1
µF CERAMIC
C = 1800pF
L
1
µF
WIMA
MKS-2
VDD = 16V
TC4424
(1/2 TC4425)
Test Circuit
1
2
tD2
tR
tF
INPUT: 100 kHz,
square wave,
tRISE = tFALL
≤ 10 nsec
ELECTRICAL CHARACTERISTICS (Cont.) Over operating temperature range with 4.5V
≤ VDD ≤ 18V, unless
otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
——
V
VIL
Logic 0 Low Input Voltage
——
0.8
V
IIN
Input Current 0V
≤ VIN ≤ VDD
– 10
—
10
µA
Output
VOH
High Output Voltage
VDD – 0.025
——
V
VOL
Low Output Voltage
——
0.025
V
RO
Output Resistance, High
IOUT = 10 mA, VDD = 18V
—
3.7
8
Ω
RO
Output Resistance, Low
IOUT = 10 mA, VDD = 18V
—
4.3
8
Ω
IPK
Peak Output Current
—
3
—
A
IREV
Latch-Up Protection
Duty Cycle
≤ 2%
1.5
——
A
Withstand Reverse Current
t
≤ 300 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1, CL = 1800pF
—
28
60
nsec
tF
Fall Time
Figure 1, CL = 1800pF
—
32
60
nsec
tD1
Delay Time
Figure 1, CL = 1800pF
—
32
100
nsec
tD2
Delay Time
Figure 1, CL = 1800pF
—
38
100
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
—
2
3.5
mA
VIN = 0V (Both Inputs)
—
0.2
0.3
mA
NOTE: 1. Switching times guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com