Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712-04/SS Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16LC712-04/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04/SS Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16LC712-04/SS Datasheet HTML 29Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 30Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 31Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 32Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 33Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 34Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 35Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 36Page - Microchip Technology PIC16LC712-04/SS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
PIC16C712/716
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 33
TABLE 5-1
TMR1 MODULE AND PORTB OPERATION
TMR1
Module
Mode
Clock Source
Control Bits
TMR1 Module Operation
PORTB<2:1> Operation
Off
N/A
T1CON = --xx 0x00
Off
PORTB<2:1> function as normal
I/O
Timer
Fosc/4
T1CON = --xx 0x01
TMR1 module uses the main
oscillator as clock source.
TMR1ON can turn on or turn off
Timer1.
PORTB<2:1> function as normal
I/O
Counter
External circuit
T1CON = --xx 0x11
TR1SCCP = ---- -x-1
TMR1 module uses the external
signal on the
RB1/T1OSO/T1CKI pin as a
clock source. TMR1ON can turn
on or turn off Timer1. DT1CK
can read the signal on the
RB1/T1OSO/T1CKI pin.
PORTB<2> functions as normal
I/O. PORTB<1> always reads 0
when configured as input . If
PORTB<1> is configured as out-
put, reading PORTB<1> will read
the data latch. Writing to
PORTB<1> will always store the
result in the data latch, but not to
the RB1/T1OSO/T1CKI pin. If
the TMR1CS bit is cleared
(TMR1 reverts to the timer
mode), then pin PORTB<1> will
be driven with the value in the
data latch.
Firmware
T1CON = --xx 0x11
TR1SCCP = ---- -x-0
DATACCP<0> bit drives
RB1/T1OSO/T1CKI and pro-
duces the TMR1 clock source.
TMR1ON can turn on or turn off
Timer1. The DATACCP<0> bit,
DT1CK, can read and write to
the RB1/T1OSO/T1CKI pin.
Timer1 oscillator T1CON = --xx 1x11
RB1/T1OSO/T1CKI and
RB2/T1OSI are configured as a
2 pin crystal oscillator.
RB1/T1OSI/T1CKI is the clock
input for TMR1. TMR1ON can
turn on or turn off Timer1.
DATACCP<1> bit, DT1CK,
always reads 0 as input and can
not write to the
RB1/T1OSO/T1CK1 pin.
PORTB<2:1> always read 0
when configured as inputs. If
PORTB<2:1> are configured as
outputs, reading PORTB<2:1>
will read the data latches. Writing
to PORTB<2:1> will always store
the result in the data latches, but
not to the RB2/T1OSI and
RB1/T1OSO/T1CKI pins. If the
TMR1CS and T1OSCEN bits are
cleared (TMR1 reverts to the
timer mode and TMR1 oscillator
is disabled), then pin
PORTB<2:1> will be driven with
the value in the data latches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com