Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4432 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4432
Description  1.5A High-Speed 30V MOSFET Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432 Datasheet(HTML) 3 Page - Microchip Technology

  TC4432 Datasheet HTML 1Page - Microchip Technology TC4432 Datasheet HTML 2Page - Microchip Technology TC4432 Datasheet HTML 3Page - Microchip Technology TC4432 Datasheet HTML 4Page - Microchip Technology TC4432 Datasheet HTML 5Page - Microchip Technology TC4432 Datasheet HTML 6Page - Microchip Technology TC4432 Datasheet HTML 7Page - Microchip Technology TC4432 Datasheet HTML 8Page - Microchip Technology TC4432 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002 Microchip Technology Inc.
DS21424B-page 3
TC4431/TC4432
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage....................................................... 36V
Input Voltage (Note 1)....................VDD + 0.3V to GND
Package Power Dissipation (TA ≤ 70°C)
PDIP ........................................................ 730mW
CERDIP ................................................... 800mW
SOIC........................................................ 470mW
Package Thermal Resistance
CERDIP RθJ-A........................................ 150°C/W
CERDIP RθJ-C ......................................... 50°C/W
PDIP RθJ-A............................................. 125°C/W
PDIP RθJ-C............................................... 42°C/W
SOIC RθJ-A ............................................ 250°C/W
SOIC RθJ-C .............................................. 75°C/W
Operating Temperature Range
C Version .........................................0°C to +70°C
E Version ..................................... -40°C to +85°C
Storage Temperature Range ............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC4431/TC4432 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, with 4.5V ≤ VDD ≤ 30V, unless otherwise noted..
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
——
V
VIL
Logic 0, Low Input Voltage
——
0.8
V
IIN
Input Current (Note 1)
-1
—
1
µA0V ≤ VIN ≤ 12V
Output
VOH
High Output Voltage
VDD – 1.0
VDD – 0.8
—
VIOUT = 100mA
VOL
Low Output Voltage
——
0.025
V
RO
Output Resistance
—
710
Ω
IOUT = 10mA, VDD = 30V
IPK
Peak Output Current
—
—
3.0
1.5
—
—
A
Source: VDD = 30V
Sink: VDD = 30V
IREV
Latch-Up Protection
Withstand Reverse Current
0.3
——
A
Duty cycle
≤ 2%, t ≤ 300µsec
Switching Time (Note 2)
tR
Rise Time
—
25
40
nsec
Figure 3-1
tF
Fall Time
—
33
50
nsec
Figure 3-1
tD1
Delay Time
—
62
80
nsec
Figure 3-1
tD2
Delay Time
—
78
90
nsec
Figure 3-1
Power Supply
IS
Power Supply Current
—
—
2.5
0.3
4
0.4
mA
VIN = 3V
VIN = 0V
VS
Start-up Threshold
—
8.4
10
V
VDO
Drop-out Threshold
7
7.7
—
V
Note 3
Note
1:
For inputs >12V, add a 1k
Ω resistor in series with the input. See “Typical Characteristics” graph for input current.
2:
Switching times are ensured by design.
3:
For operation below 7V, pin 3 (LOCK DIS) should be tied to ground to disable the lockout and start-up circuit, otherwise, pin 3 must be left
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com