Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC712-04E/SS Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16LC712-04E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC712-04E/SS Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16LC712-04E/SS Datasheet HTML 75Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 76Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 77Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 78Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 79Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 80Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 81Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 82Page - Microchip Technology PIC16LC712-04E/SS Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
PIC16C712/716
© 1999 Microchip Technology Inc.
Preliminary
DS41106A-page 79
12.3
DC Characteristics:
PIC16C712/716-04 (Commercial, Industrial, Extended)
PIC16C712716-20 (Commercial, Industrial, Extended)
PIC16LC712/716-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤
+70°C
for commercial
-40°C
≤ TA ≤
+85°C
for industrial
-40°C
≤ TA ≤ +125°C for extended
Operating voltage VDD range as described in DC spec Section 12.1
and Section 12.2
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Input Low Voltage
VIL
I/O ports
D030
D030A
with TTL buffer
VSS
VSS
-
-
0.8V
0.15VDD
V
V
4.5V
≤ VDD ≤ 5.5V
otherwise
D031
with Schmitt Trigger buffer
VSS
-0.2VDD
V
D032
MCLR, OSC1 (in RC mode)
Vss
-
0.2VDD
V
D033
OSC1 (in XT, HS and LP
modes)
Vss
-
0.3VDD
VNote1
Input High Voltage
VIH
I/O ports
-
D040
with TTL buffer
2.0
-
VDD
V4.5V
≤ VDD ≤ 5.5V
D040A
0.25VDD
+ 0.8V
-VDD
Votherwise
D041
with Schmitt Trigger buffer
0.8VDD
-VDD
V
For entire VDD range
D042
MCLR
0.8VDD
-VDD
V
D042A
OSC1 (XT, HS and LP modes)
0.7VDD
-VDD
VNote1
D043
OSC1 (in RC mode)
0.9VDD
-VDD
V
Input Leakage Current (Notes
2, 3)
D060
IIL
I/O ports
-
-
±1
µAVss ≤ VPIN ≤ VDD,
Pin at hi-impedance
D061
MCLR, RA4/T0CKI
-
-
±5
µAVss ≤ VPIN ≤ VDD
D063
OSC1
-
-
±5
µAVss ≤ VPIN ≤ VDD,
XT, HS and LP osc modes
D070
IPURB
PORTB weak pull-up current
50
250
400
µAVDD = 5V, VPIN = VSS
Output Low Voltage
D080
VOL
I/O ports
-
-
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
--
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKOUT
(RC osc mode)
--
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
--
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator mode, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the PICmi-
cro be driven with external clock in RC mode.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com