Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC510 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC510
Description  Precision Analog Front Ends
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC510 Datasheet HTML 4Page - Microchip Technology TC510 Datasheet HTML 5Page - Microchip Technology TC510 Datasheet HTML 6Page - Microchip Technology TC510 Datasheet HTML 7Page - Microchip Technology TC510 Datasheet HTML 8Page - Microchip Technology TC510 Datasheet HTML 9Page - Microchip Technology TC510 Datasheet HTML 10Page - Microchip Technology TC510 Datasheet HTML 11Page - Microchip Technology TC510 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TC500/A/510/514
DS21428B-page 8
© 2002 Microchip Technology Inc.
4.0
TC500/A/510/514 CONVERTER
OPERATION
The TC500/A/510/514 incorporates an Auto Zero and
Integrator phase in addition to the input signal Integrate
and reference De-integrate phases. The addition of
these phases reduce system errors, calibration steps
and shorten overrange recovery time. A typical mea-
surement cycle uses all four phases in the following
order:
1.
Auto Zero
2.
Input signal integration
3.
Reference deintegration
4.
Integrator output zero
The internal analog switch status for each of these
phases
is
summarized
in
Table 4-1. This
table
references the Typical Application.
TABLE 4-1:
INTERNAL ANALOG GATE STATUS
4.1
Auto Zero Phase (AZ)
During this phase, errors due to buffer, integrator and
comparator offset voltages are nulled out by charging
CAZ (auto zero capacitor) with a compensating error
voltage.
The external input signal is disconnected from the inter-
nal circuitry by opening the two SWI switches. The
internal input points connect to analog common. The
reference capacitor is charged to the reference voltage
potential through SWR. A feedback loop, closed around
the integrator and comparator, charges the CAZ capac-
itor with a voltage to compensate for buffer amplifier,
integrator and comparator offset voltages.
4.2
Analog Input Signal Integration
Phase (INT)
The TC5XX integrates the differential voltage between
the (VIN+) and (VIN–) inputs. The differential voltage
must be within the device's Common mode range
VCMR. The input signal polarity is normally checked via
software at the end of this phase: CMPTR = 1 for
positive polarity; CMPTR = 0 for negative polarity.
4.3
Reference Voltage De-integration
Phase (DINT)
The previously charged reference capacitor is con-
nected with the proper polarity to ramp the integrator
output back to zero. An externally-provided, precision
timer is used to measure the duration of this phase.
The resulting time measurement is proportional to the
magnitude of the applied input voltage.
4.4
Integrator Output Zero Phase (IZ)
This phase ensures the integrator output is at 0V when
the Auto Zero phase is entered and that only system
offset voltages are compensated. This phase is used at
the end of the reference voltage de-integration phase
and MUST be used for ALL TC5XX applications having
resolutions of 12-bits or more. If this phase is not used,
the value of the Auto Zero capacitor (CAZ)mustbe
about 2 to 3 times the value of the Integration capacitor
(CINT) to reduce the effects of charge sharing. The Inte-
grator Output Zero phase should be programmed to
operate until the output of the comparator returns
"HIGH". The overall timing system is shown in
Figure 4-1.
Conversion Phase
SWI
SWR+SWR-SWZ
SWR
SW1
SWIZ
Auto Zero (A = 0, B = 1)
Closed
Closed
Closed
Input Signal Integration (A = 1, B = 0)
Closed
Reference Voltage De-integration
(A =1, B = 1)
Closed*
Closed
Integrator Output Zero (A = 0, B = 0)
Closed
Closed
Closed
Note:
*Assumes a positive polarity input signal. SW–RI would be closed for a negative input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com