Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC520 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC520
Description  Serial Interface Adapter for TC500 A/D Converter Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC520 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC520 Datasheet HTML 6Page - Microchip Technology TC520 Datasheet HTML 7Page - Microchip Technology TC520 Datasheet HTML 8Page - Microchip Technology TC520 Datasheet HTML 9Page - Microchip Technology TC520 Datasheet HTML 10Page - Microchip Technology TC520 Datasheet HTML 11Page - Microchip Technology TC520 Datasheet HTML 12Page - Microchip Technology TC520 Datasheet HTML 13Page - Microchip Technology TC520 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC520A
DS21431B-page 10
© 2002 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Package marking information not available at this time.
5.2
Taping Forms
Component Taping Orientation for 16-Pin SOIC (Wide) Devices
W
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
16-Pin SOIC (W)
16 mm
12 mm
1000
13 in
Carrier Tape, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com