Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N40G-TN3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N40G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N40G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N40G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N40G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N40G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N40G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N40G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N40
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-553.d
3A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N40 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology specializes in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 3N40 is universally applied in electronic lamp ballast
based on half bridge topology and high efficient switched mode
power supply.
FEATURES
* RDS(ON)<2.0Ω @ VGS=10V, ID=1.5A
* High switching speed
* 100% avalanche tested
SYMBOL
1.Gate
3.Source
2.Drain
1
TO-252
1
TO-220F
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
3N40L-TF3-T
3N40G-TF3-T
TO-220F
G
D
S
Tube
3N40L-TN3-R
3N40G-TN3-R
TO-252
G
D
S
Tape Reel
3N40L-TND-R
3N40G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - 3N40G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N40G-TN3-R UTC-3N40G-TN3-R Datasheet
198Kb / 6P
3A, 400V N-CHANNEL POWER MOSFET
More results

Similar Description - 3N40G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com