Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N40G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 6N40G-TN3-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N40G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  6N40G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N40G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-487.d
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
6
A
Continuous
ID
6 (Note 5)
A
Drain Current
Pulsed (Note 2)
IDM
24(Note 5)
A
Single Pulsed (Note 3)
EAS
330
mJ
Avalanche Energy
Repetitive (Note 2)
EAR
8.5
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
73
TO-220F
38
Power Dissipation
TO-252
PD
62.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by maximum junction temperature
3. L=19mH, IAS=5.5A, VDD= 50V, RG=25Ω, Starting TJ=25°C
4. ISD ≤6A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C
5. Drain current limited by maximum junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220 / TO-220F
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
1.71
TO-220F
3.31
Junction to Case
TO-252
θJC
2.0
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com