Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N40G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4N40G-TN3-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N40G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4N40G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N40G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N40G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N40G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N40G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4N40
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-550.D
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous (TC=25°C)
ID
4
A
Pulsed (Note 1)
IDM
8
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
140
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Power Dissipation
TO-220
PD
60
W
TO-220F
27
W
TO-251/TO-251S/TO-252
52
W
Derate above 25°C
TO-220
0.48
W/°C
TO-220F
0.22
W/°C
TO-251/TO-252
0.41
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. L=18mH, IAS=4A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
θJA
62.5
°C/W
TO-251/TO-251S/TO-252
110
Junction to Case
TO-220
θJC
2.08
°C/W
TO-220F
4.5
TO-251/TO-251S/TO-252
2.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com