Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N10L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 25N10L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N10L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  25N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 25N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 25N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 25N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 25N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
25N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-448.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain Source Voltage
VDSS
100
V
Gate Source Voltage
VGSS
±20
V
Continuous Drain Current
(VGS=10V)
TC =25°C
ID
23
A
TC = 100°C
ID
14.6
A
Pulsed Drain Current (Note 2)
IDM
80
A
Total Power Dissipation
(TC =25°C)
TO-220F/TO-220F1
PD
50
W
TO-220F2
52
TO-251/TO-252
41
Operating Junction Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by max. junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F/TO-220F1
TO-220F2
θJA
62.5
°C/W
TO-251/TO-252
100
Junction to Case
TO-220F/TO-220F1
θJC
2.5
°C/W
TO-220F2
2.4
TO-251/TO-252
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com