Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N10G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 25N10G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N10G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  25N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 25N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 25N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 25N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 25N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
25N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-448.C
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =1mA
100
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25°C , ID =1mA
0.14
V/°C
Drain-Source Leakage Current
IDSS
VDS =100V, VGS =0V, TJ=25°C
25
µA
VDS =80V, VGS =0V,TJ =150°C
100
µA
Gate-Source Leakage Current
IGSS
VGS =±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =250µA
2
4
V
Static Drain-Source On-Resistance (Note)
RDS(ON)
VGS =10V, ID =16A
80
mΩ
Forward Transconductance
gFS
VDS =10V, ID =16A
14
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =25V, VGS=0V, f=1.0MHz
1060 1700
pF
Output Capacitance
COSS
270
pF
Reverse Transfer Capacitance
CRSS
8
pF
Gate Resistance
RG
f=1.0MHz
1.5
2.3
Ω
SWITCHING PARAMETERS
Total Gate Charge (Note)
QG
VGS=10V, VDS=80V, ID=16A
19
30
nC
Gate Source Charge
QGS
5
nC
Gate Drain Charge
QGD
6
nC
Turn-ON Delay Time
1
tD(ON)
VDD=50V, ID=16A, RG=3.3Ω,
VGS=10V, RD=3.125Ω
10
ns
Turn-ON Rise Time
tR
28
ns
Turn-OFF Delay Time
tD(OFF)
17
ns
Turn-OFF Fall-Time
tF
2
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note)
VSD
IS =16A, VGS =0V
1.3
V
Reverse Recovery Time
tRR
IS =16A,VGS =0V,
dI/dt=100A/µs
90
ns
Reverse Recovery Charge
QRR
380
nC
Note: Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com