Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4606L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UD4606L-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD4606L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UD4606L-S08-R Datasheet HTML 1Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 2Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 3Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 4Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 5Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 6Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 7Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 8Page - Unisonic Technologies UD4606L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UD4606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-144.D
TYPICAL CHARACTERISTICS(Cont.)
P-CHANNEL
Drain to Source Voltage,-VDS (V)
Gate to Source Voltage,-VGS (V)
125℃
25℃
VDS=-5V
30
25
20
15
10
5
0
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Transfer Characteristics
-4V
-4.5V
-5V
-6V
-10V
-3.5V
VGS=-3V
30
25
20
15
10
5
0
0
1
23
4
5
On-Region Characteristics
Drain to Source Voltage,-VDS (V)
Drain Current,-ID (A)
VGS=-10V
VGS=-4.5V
0
5
10
15
20
25
10
15
20
25
30
35
40
45
50
55
60
On-Resistance vs. Drain Current
and Gate Voltage
CISS
COSS
CRSS
1500
1250
1000
750
500
250
0
0
5
10
15
20
25
30
Capacitance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com