Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80N08L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 80N08L-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

80N08L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  80N08L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 80N08L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 80N08L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 80N08L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
80N08
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-468.F
80A, 80V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 80N08 is an N-channel MOSFET using UTC
advanced technology. It can be used in applications, such as
power supply (secondary synchronous rectification), industrial
and primary switch etc.
FEATURES
* Trench FET Power MOSFETS Technology
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
80N08L-T47-T
80N08G-T47-T
TO-247
G
D
S
Tube
80N08L-TA3-T
80N08G-TA3-T
TO-220
G
D
S
Tube
80N08L-TQ2-T
80N08G-TQ2-T
TO-263
G
D
S
Tube
80N08L-TQ2-R
80N08G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 80N08L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
80N08L-TA3-R UTC-80N08L-TA3-R Datasheet
140Kb / 3P
N-CHANNEL 80V (D-S) MOSFET
More results

Similar Description - 80N08L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC60N04S4L-06 INFINEON-IPC60N04S4L-06_15 Datasheet
202Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-22
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
IPB180N04S4L-H0 INFINEON-IPB180N04S4L-H0 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com