Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80N08G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 80N08G-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

80N08G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  80N08G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 80N08G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 80N08G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 80N08G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
80N08
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-468.F
ABSOLUTE MAXIMUM RATINGS (TJ= 25 °C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate Source Voltage
VGS
±20
V
Continuous Drain Current
ID
80
A
Pulsed Drain Current
IDM
320
A
Avalanche Energy, Single Pulse
EAS
810
mJ
Power Dissipation
TO-247
PD
300
W
TO-220/TO-263
250
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
L=0.1mH, IAS=80A, VDD=25V, RG=20Ω, Starting TJ =25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-247
θJA
30
°C/W
TO-220/TO-263
62
Junction to Case
TO-247
θJC
0.42
°C/W
TO-220/TO-263
0.5
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=1mA, VGS=0V
80
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V, TJ=25°C
0.01
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±1
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.1
3.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=80A
12
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
4700
pF
Output Capacitance
COSS
1260
pF
Reverse Transfer Capacitance
CRSS
580
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
144
180
nC
Gate to Source Charge
QGS
25
37
nC
Gate to Drain Charge
QGD
69
116
nC
Turn-ON Delay Time
tD(ON)
VDD=40V, RG=2.2Ω
ID=80A, VGS=10V
26
ns
Rise Time
tR
50
ns
Turn-OFF Delay Time
tD(OFF)
61
ns
Fall-Time
tF
30
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current
IS
80
A
Pulsed Current
ISM
320
Drain-Source Diode Forward Voltage
VSD
ISD=80A
0.9
1.3
V
Reverse Recovery Time
tRR
IF= IS, dIF/dt=100A/µs
VR=40V
110
140
ns
Reverse Recovery Charge
QRR
470
590
nC
Note: 1. Defined by design. Not subject to production test.
2. Qualified at -20V and +20V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com