Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19N10L-TN3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 19N10L-TN3-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

19N10L-TN3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  19N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 19N10L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
19N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-261.J
TYPICAL CHARACTERISTICS
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 2.5°C/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
101
100
10-1
Drain-Source Voltage, VDS (V)
102
101
100
Safe Operating Area
Notes:
1. TJ=25°C
2. TJ=150°C
3. Single Pulse
Operation in This Area is Limited by RDS(on)
102
DC
10ms
1ms
100µs
10µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com