Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19N10L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 19N10L-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

19N10L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  19N10L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 19N10L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
19N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-261.J
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
± 25
V
TC=25°C
15.6
A
Continuous Drain Current
TC=100°C
ID
9.8
A
Pulsed Drain Current (Note 2)
IDM
62.4
A
Avalanche Current (Note 2)
IAR
15.6
A
Single Pulsed Avalanche Energy (Note 3)
EAS
220
mJ
Repetitive Avalanche Energy (Note 2)
EAR
5.0
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
6.0
V/ns
TO-220/TO-263
62.5
W
TO-220F/TO-220F1
38
W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252
50
W
Power Dissipation
TO-3P
PD
178
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
L=1.8mH, IAS=15.6A, VDD=25V, RG=25 Ω, Starting TJ=25°C
ISD≤19A, di/dt ≤ 300A/µs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
TO-220F1/TO-263
62.5
°C/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252
50
°C/W
Junction to Ambient
TO-3P
θJA
40
°C/W
TO-220/TO-263
2.0
°C/W
TO-220F/TO-220F1
3.95
°C/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252
2.5
°C/W
Junction to Case
TO-3P
θJC
0.7
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com