Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC59 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC59
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC59 Datasheet(HTML) 2 Page - Microchip Technology

  TC59 Datasheet HTML 1Page - Microchip Technology TC59 Datasheet HTML 2Page - Microchip Technology TC59 Datasheet HTML 3Page - Microchip Technology TC59 Datasheet HTML 4Page - Microchip Technology TC59 Datasheet HTML 5Page - Microchip Technology TC59 Datasheet HTML 6Page - Microchip Technology TC59 Datasheet HTML 7Page - Microchip Technology TC59 Datasheet HTML 8Page - Microchip Technology TC59 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC59
DS21438B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage .........................................................-12V
Output Current .................................................. 200mA
Output Voltage..................... -VDD –0.3V to VIN +0.3V
Power Dissipation.............................................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -40°C to +125°C
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC59 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =VR –1.0V (Note 1),CL =10µF, TA = 25°C unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Voltage
—
—
-10
V
IOUT =20mA
IDD
Supply Current
—
3
7
µA
IOUT(MAX)
Maximum Output Current
100
80
60
—
—
—
—
—
—
mA
mA
mA
VIN = -6.0V; VR = -5.0V, VOUT ≤ -4.5V
VIN = -5.0V; VR = -4.0V, VOUT ≤ -3.6V
VIN = -4.0V; VR = -3.0V, VOUT ≤ -2.7V
VOUT
Output Voltage
1.02 X VR
—0.98 x VR
VIOUT =20mA
TC VOUT
Output Voltage
Temperature Coefficient
—
±100
—
ppm/°C IOUT =20mA
∆VOUT/
(
∆V
IN X VOUT)
Line Regulation
—
0.1
0.3
%/V
IOUT =20mA; VR = -5.0V; -6.0 < VIN <-10.0V
VR = -4.0V; -5.0 < VIN <-10.0V
VR = -3.0V; -4.0 < VIN <-10.0V
∆V
OUT
Load Regulation
—
40
80
mV
VR = -5.0V; 1mA < IOUT < 50mA
VR = -4.0V; 1mA < IOUT < 45mA
VR = -3.0V; 1mA < IOUT < 40mA
VIN -VOUT
Dropout Voltage
—
—
—
—
—
—
120
380
120
380
120
380
300
600
300
600
300
600
mV
mV
mV
mV
mV
mV
VR = -5.0V;
IOUT = 50mA
IOUT = 100mA
VR = -4.0V;
IOUT = 45mA
IOUT =90mA
VR = -3.0V;
IOUT = 40mA
IOUT =80mA
Note
1:
VR is the regulator output voltage setting. For example: VR = -2.5V, -2.7V, -3.0V, -3.3V, -3.6V, -4.0V, -5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com