Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF630G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UF630G-S08-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF630G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UF630G-S08-R Datasheet HTML 1Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 2Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 3Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 4Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 5Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 6Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 7Page - Unisonic Technologies UF630G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UF630
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-049.J
TYPICAL CHARACTERISTICS
0.01
Rectangular Pulse Duration, t1 (s)
Normalized Transient Thermal Impedance
1
10-5
10-4
10-3
10-2
10-1
10
Single pulse
0.2
0.1
0.01
0.1
1.0
PDM
t1
t2
Duty Factor, D=t1/t2
Peak TJ =PDM×ZθJC RθJC +TC
0.05
0.02
100
10
0.1
Drain to Source Voltage, VDS (V)
Forward Bias Safe Operating Area
100
10
1
1
1ms
1000
TC=25℃
TJ=Max Rated
100μs
Operation in This Area
May be Limited by RDS (ON)
100ms
DC
10ms
10μs
0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com