Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF630L-TN3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UF630L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF630L-TN3-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UF630L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF630L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UF630
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-049.J
TYPICAL CHARACTERISTICS (Cont.)
Capacitance vs. Drain to Source Voltage
Drain to Source Voltage, VDS (V)
0
1
400
800
2000
20
CISS
50
VGS = 0V, f = 1MHz
CISS = CGS + CGD, CDS
CRSS = CGD
COSS = CDS + CGD
COSS
CRSS
1600
1200
10
30
40
Drain Current vs. Source to Drain Voltage
1
1
2.5
0.5
1.5
2
3
5
15
40
35
25
0
10
30
20
Source to Drain Voltage, VSD (V)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com