Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF740L-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF740L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF740
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-078. G
10A, 400V, 0.55Ω N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET
is
designed
for
high
voltage,
high
speed
power
switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* 10A, 400V, RDS(ON)(0.55
Ω)
* Single Pulse Avalanche Energy Rated
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-220F
1
1
TO-220F1
TO-220F2
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF740L-TA3-T
UF740G-TA3-T
TO-220
G
D
S
Tube
UF740L-TF1-T
UF740G-TF1-T
TO-220F1
G
D
S
Tube
UF740L-TF2-T
UF740G-TF2-T
TO-220F2
G
D
S
Tube
UF740L-TF3-T
UF740G-TF3-T
TO-220F
G
D
S
Tube
UF740L-TQ2-T
UF740G-TQ2-T
TO-263
G
D
S
Tube
UF740L-TQ2-R
UF740G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) R: Tape Reel, T: Tube
(2) TA3: TO-220, TF1: TO-220F1, TF2: TO-220F2,
(2) TF3: TO-220F, TQ2: TO-263
(3) L: Lead Free, G: Halogen Free
UF740L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Free


Similar Part No. - UF740L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740L-TQ2-R UTC-UF740L-TQ2-R Datasheet
336Kb / 6P
10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740L-TQ2-R UTC-UF740L-TQ2-R Datasheet
343Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
More results

Similar Description - UF740L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC60N04S4L-06 INFINEON-IPC60N04S4L-06_15 Datasheet
202Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-22
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
IPB180N04S4L-H0 INFINEON-IPB180N04S4L-H0 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com