Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF9640G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF9640G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF9640G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UF9640G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF9640G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UF9640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-484.E
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate to Source Voltage
VGSS
±20
V
Avalanche Current (Note 1)
IAR
-11
A
Continuous
ID
-11
A
Drain Current
Pulsed (Note 1)
IDM
-44
A
Single Pulsed (Note 2)
EAS
700
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
-5.0
V/ns
TO-220/TO-263
73
TO-220F
38
Power Dissipation
TO-252
PD
48
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
PATINGS
UNIT
TO-220/TO-220F
TO-263
62.5
Junction-to-Ambient
TO-252
θJA
110
°C/W
TO-220/TO-263
1.71
TO-220F
3.31
Junction-to-Case
TO-252
θJC
2.6
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com