Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C641-04/SP Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16C641-04/SP
Description  8-Bit EPROM Microcontrollers with Analog Comparators
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C641-04/SP Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16C641-04/SP Datasheet HTML 89Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 90Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 91Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 92Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 93Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 94Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 95Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 96Page - Microchip Technology PIC16C641-04/SP Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS30559A-page 93
PIC16C64X & PIC16C66X
12.2
DC Characteristics:
PIC16LC641/642/661/662-04 (Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
–40
°C ≤ TA ≤ +85°C
for industrial and
0
°C
≤ TA ≤ +70°C
commercial
Param
No.
Sym
Characteristic
Min
Typ† Max Units
Conditions
D001
VDD
Supply Voltage
3.0
–
6.0
V
XT, RC, and LP osc configuration
D002*
VDR
RAM Data Retention
Voltage (1)
1.5
–
–
V
Device in SLEEP mode
D003
VPOR
VDD start voltage to
ensure internal Power-on
Reset signal
–VSS
–
V
See section on Power-on Reset for
details
D004*
SVDD
VDD rise rate to ensure internal
Power-on Reset signal
0.05
–
–
V/ms See section on Power-on Reset for
details
D005
VBOR
Brown-out Reset Voltage
3.7
4.0
4.3
V
BODEN configuration bit is clear
D010
D010A
IDD
Supply Current (2)
–
–
2.0
22.5
3.8
48
mA
µA
XT and RC osc configuration
FOSC = 4.0 MHz, VDD = 3.0V,
WDT disabled (4)
LP osc configuration
FOSC = 32 kHz, VDD = 3.0V,
WDT disabled
Module Differential Current (5)
D015
∆IBOR
Brown-out Reset Current
–
350
425
µA
BODEN bit is clear, VDD = 5.0V
D016
∆ICOMP
Comparator Current for
each Comparator
–
–
100
µAVDD = 3.0V
D017
∆IVREF
VREF Current
–
–
300
µAVDD = 3.0V
D021
∆IWDT
WDT Current
–
6.0
20
µAVDD = 3.0V
D021
IPD
Power-down Current (3)
–
0.9
5
µAVDD = 3.0V, WDT disabled
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1=external square wave, from rail to rail; all I/O pins tristated, pulled to VDD,
MCLR = VDD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.
4: For RC osc configuration, current through Rext is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2Rext (mA) with Rext in k
Ω.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com