Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF640L-T2Q-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF640L-T2Q-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640L-T2Q-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF640L-T2Q-R Datasheet HTML 1Page - Unisonic Technologies UF640L-T2Q-R Datasheet HTML 2Page - Unisonic Technologies UF640L-T2Q-R Datasheet HTML 3Page - Unisonic Technologies UF640L-T2Q-R Datasheet HTML 4Page - Unisonic Technologies UF640L-T2Q-R Datasheet HTML 5Page - Unisonic Technologies UF640L-T2Q-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-066.I
ABSOLUTE MAXIMUM RATING (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
200
V
Drain-Gate Voltage (RGS=20kΩ)
VDGR
200
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
18
A
Pulsed Drain Current (Note 2)
IDM
72
A
Single Pulse Avalanche Energy Rating (Note 2)
EAS
242
mJ
SOT-223
66
TO-220
123
TO-220F
40
TO-220F1/TO-220F2
42
TO-252
83
Maximum Power
Dissipation
TO-262/TO-263
PD
139
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. L=3.37mH, VDD=50V, RG=25Ω, peak IAS=12A, starting TJ=25°C
3. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
57
TO-220/TO-220F
TO-220F1/TO-220F2
TO-262/TO-263
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
SOT-223
1.8
TO-220
1.01
TO-220F
3.1
TO-220F1/TO-220F2
2.9
TO-252
1.5
Junction to Case
TO-262/TO-263
θJC
0.9
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com