Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF640L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UF640L-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF640L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UF640L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF640L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF640L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF640L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF640L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF640L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UF640
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-066.I
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
200
V
Drain-Source Leakage Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
Gate-Source Leakage Current
IGSS
VGS= ±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(THR) VGS=VDS, ID=250μA
2
4
V
Drain-Source On Resistance
RDS(ON)
VGS=10V, ID=10A
0.14
0.18
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
805
pF
Output Capacitance
COSS
240
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
46
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
40
52
ns
Turn-ON Rise Time
tR
58
72
ns
Turn-OFF Delay Time
tD(OFF)
127
152
ns
Turn-OFF Fall-Time
tF
VDD=100V,ID≈18A, RG=9.1Ω,RL=5.4Ω,
MOSFET Switching Times are
Essentially Independent of Operating
Temperature
86
104
ns
Total Gate Charge
QG(TOT)
89
110
nC
Gate Source Charge
QGS
9
nC
Gate Drain Charge
QGD
VGS=10V, ID≈18A, VDS=0.8 x Rated
BVDSS Gate Charge is Essentially
Independent of Operating
Temperature IG(REF) = 1.5mA
24
nC
SOURCE TO DRAIN DIODE SPECIFICATIONS
Diode Forward Voltage (Note)
VSD
TJ=25°C, IS=18A, VGS=0V,
2.0
V
Continuous Source Current
(body diode)
IS
18
A
Pulse Source Current (body diode)
(Note)
ISM
Integral Reverse p-n Junction
Diode in the MOSFET
Gate
Sourse
Drain
72
A
Reverse Recovery Time
trr
TJ=25°C, IS=18A, dIS/dt=100A/μs
120
240
530
ns
Reverse Recovery Charge
QRR
TJ=25°C, IS=18A, dIS/dt=100A/μs
1.3
2.8
5.6
μC
Note: Pulse Test: Pulse width ≤ 300μs, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com