Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830G-TQ2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UF830G-TQ2-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-TQ2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UF830G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies UF830G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UF830
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-046.I
TYPICAL CHARACTERISTICS
0
Case Temperature, TC (°C)
50
100
150
1.2
Normalized Power Dissipation vs. Case
Temperature
1.0
0.6
0.2
0
0.4
0.8
Case Temperature,TC (°C)
75
100
150
Maximum Contionuous Drain Current vs. Case
Temperature
0
125
50
25
1
2
3
4
5
0.01
Rectangular Pulse Duration, t1 (s)
Normalized Maximum Transient Thermal
Impedance
1
10-5
10-4
10-3
10-2
10-1
10
Single pulse
0.2
0.1
0.01
0.1
1
PDM
t1
t2
0.05
0.02
0.5
100
10
0.1
Drain to Source Voltage, VDS (V)
Forward Bias Safe Operating Area
102
10
1
1
1ms
103
Operation in This Region
is Limited by rDS (on)
10
0m
s
10m
s
10μ
s
TC=25°C
TJ=Max Rated
Single Pulse
100μ
s
DC
Drain to Source Voltage, VDS (V)
100
150
300
Output Characteristics
0
250
50
0
1
3
4
5
6
VGS=10V
VGS=5.5V
VGS=4.0V
VGS=4.5V
VGS=5.0V
Pulse Duration=80μs
Duty Cycle = 0.5% Max
200
2
Drain to Source Voltage, VDS (V)
4
6
10
Saturation Characteristics
0
8
2
0
1
2
3
4
5
VGS=10V
VGS=5.5V
VGS=5.0V
VGS=4.5V
VGS=4.0V
Pulse Duration=80μs
Duty Cycle = 0.5% Max
*Notes:
Duty Factor, D=t1/t2
Peak TJ =PDM×ZθJC×RθJC +TC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com