Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD9926L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD9926L-S08-R
Description  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD9926L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD9926L-S08-R Datasheet HTML 1Page - Unisonic Technologies UD9926L-S08-R Datasheet HTML 2Page - Unisonic Technologies UD9926L-S08-R Datasheet HTML 3Page - Unisonic Technologies UD9926L-S08-R Datasheet HTML 4Page - Unisonic Technologies UD9926L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD9926
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-143.B
DUAL N-CHANNEL
ENHANCEMENT MODE
FEATURES
* 20V/6A
* Low RDS(ON)
* Reliable and Rugged
SYMBOL
SOP-8
TSSOP-8
Lead-free:
UD9926L
Halogen-free: UD9926G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free Plating
Halogen Free
Package
1 2 3 4 5 6 7 8
Packing
UD9926-S08-R
UD9926L-S08-R
UD9926G-S08-R
SOP-8
S1 G1 S2 G2 D2 D2 D1 D1 Tape Reel
UD9926-P08-R
UD9926L-P08-R
UD9926G-P08-R
TSSOP-8 D1 S1 S1 G1 G2 S2 S2 D2 Tape Reel


Similar Part No. - UD9926L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD9926L-S08-R UTC-UD9926L-S08-R Datasheet
209Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE
logo
VBsemi Electronics Co.,...
UD9926L-S08-R VBSEMI-UD9926L-S08-R Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - UD9926L-S08-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com