Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD9926-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UD9926-P08-R
Description  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD9926-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UD9926-P08-R Datasheet HTML 1Page - Unisonic Technologies UD9926-P08-R Datasheet HTML 2Page - Unisonic Technologies UD9926-P08-R Datasheet HTML 3Page - Unisonic Technologies UD9926-P08-R Datasheet HTML 4Page - Unisonic Technologies UD9926-P08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UD9926
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-143.B
TYPICAL CHARACTERISTICS
VGS=2,3,4,5,6,7,8,9,10V
1V
0.5V
20
16
12
8
4
0
0
12
3
45
Drain-to-Source Voltage, VDS (V)
Output Characteristics
TJ=25℃
TJ=125℃
TJ=55℃
20
15
10
5
0
0.0
0.5
1.0
1.5
2.0
2.5
Transfer Characteristics
Gate-to-Source Voltage, VGS (V)
VGS=4.5V
VGS=10V
ID=6A
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0
5
10
15
20
Drain Current, ID (A)
On-Resistance vs. Drain Current
01
2
3
5
46
7
8
9
10
Gate-to-Source Voltage, VGS (V)
On-Resistance vs. Gate-to-Source Voltage
0.12
0.11
0.10
0.09
0.08
0.06
0.07
0.05
0.00
0.01
0.02
0.03
0.04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com