Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 30N06L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  30N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 30N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
30N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-087.H
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 μA
60
V
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
10
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 20V, VDS = 0 V
100
nA
Reverse
VGS = -20V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ
ID =250μA,
Referenced to 25°C
0.06
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 15 A
32
40
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS = 0 V, VDS = 25 V,
f = 1MHz
800
pF
Output Capacitance
COSS
300
pF
Reverse Transfer Capacitance
CRSS
50
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 30V, ID =15 A, VGS=10V
(Note 1, 2)
52
ns
Turn-On Rise Time
tR
96
ns
Turn-Off Delay Time
tD(OFF)
124
ns
Turn-Off Fall Time
tF
84
ns
Total Gate Charge
QG
VDS = 60V, VGS = 10 V,
ID = 24A (Note 1, 2)
20
30
nC
Gate-Source Charge
QGS
6
nC
Gate-Drain Charge
QGD
9
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 30A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
30
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
120
A
Notes: 1. Pulse Test : Pulse width ≤300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com