Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30N06G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 30N06G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

30N06G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  30N06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 7Page - Unisonic Technologies 30N06G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
30N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-087.H
60V, 30A N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 30N06 is a low voltage power MOSFET and is
designed to have better characteristics, such as fast switching time,
low gate charge, low on-state resistance and excellent avalanche
characteristics. This power MOSFET is usually used at automotive
applications in power supplies, high efficient DC to DC converters
and battery operated products.
FEATURES
* RDS(ON) = 40mΩ@VGS = 10 V, ID=15A
* Ultra low gate charge ( typical 20nC )
* Low reverse transfer Capacitance ( CRSS = typical 80 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability
SYMBOL
TO-251
1
TO-252
TO-220
TO-220F
TO-220F2
1
1
1
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
30N06L-TA3-T
30N06G-TA3-T
TO-220
G
D
S
Tube
30N06L-TF1-T
30N06G-TF1-T
TO-220F1
G
D
S
Tube
30N06L-TF2-T
30N06G-TF2-T
TO-220F2
G
D
S
Tube
30N06L-TF3-T
30N06G-TF3-T
TO-220F
G
D
S
Tube
30N06L-TM3-T
30N06G-TM3-T
TO-251
G
D
S
Tube
30N06L-TN3-T
30N06G-TN3-T
TO-252
G
D
S
Tube
30N06L-TN3-R
30N06G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 30N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
30N06G-TN3-R UTC-30N06G-TN3-R Datasheet
337Kb / 8P
N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
30N06G-TN3-R VBSEMI-30N06G-TN3-R Datasheet
896Kb / 6P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - 30N06G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com