Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC642
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC642 Datasheet HTML 10Page - Microchip Technology TC642 Datasheet HTML 11Page - Microchip Technology TC642 Datasheet HTML 12Page - Microchip Technology TC642 Datasheet HTML 13Page - Microchip Technology TC642 Datasheet HTML 14Page - Microchip Technology TC642 Datasheet HTML 15Page - Microchip Technology TC642 Datasheet HTML 16Page - Microchip Technology TC642 Datasheet HTML 17Page - Microchip Technology TC642 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TC642
DS21444C-page 14
 2002 Microchip Technology Inc.
TABLE 5-2:
TRANSISTORS AND MOSFETS FOR Q1 (VDD = 5V)
5.6
Latch-up Considerations
As with any CMOS IC, the potential exists for latch-up
if signals are applied to the device which are outside
the power supply range. This is of particular concern
during power-up if the external circuitry (such as the
sensor network, VMIN divider or shutdown circuit) is
powered by a supply different from that of the TC642.
Care should be taken to ensure that the TC642’s VDD
supply powers up first. If possible, the networks
attached to VIN and VMIN should connect to the VDD
supply at the same physical location as the IC itself.
Even if the IC and any external networks are powered
by the same supply, physical separation of the
connecting points can result in enough parasitic
capacitance and/or inductance in the power supply
connections to delay one power supply “routing” versus
another.
Device
Package
Max. VBE(sat)/VGS
(V)
Min. HFE
VCEO/VDS
(V)
Fan Current
(mA)
Suggested
RBASE (Ω)
MMBT2222A
SOT-23
1.2
50
40
150
800
MPS2222A
TO-92
1.2
50
40
150
800
MPS6602
TO-92
1.2
50
40
500
301
SI2302
SOT-23
2.5
NA
20
500
Note 1
MGSF1N02E
SOT-23
2.5
NA
20
500
Note 1
SI4410
SO-8
4.5
NA
30
1000
Note 1
SI2308
SOT-23
4.5
NA
60
500
Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com