Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC646 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC646 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC646 Datasheet HTML 2Page - Microchip Technology TC646 Datasheet HTML 3Page - Microchip Technology TC646 Datasheet HTML 4Page - Microchip Technology TC646 Datasheet HTML 5Page - Microchip Technology TC646 Datasheet HTML 6Page - Microchip Technology TC646 Datasheet HTML 7Page - Microchip Technology TC646 Datasheet HTML 8Page - Microchip Technology TC646 Datasheet HTML 9Page - Microchip Technology TC646 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TC646
DS21446C-page 6
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
3.1
PWM
The PWM circuit consists of a ramp generator and
threshold detector. The frequency of the PWM is
determined by the value of the capacitor connected to
the CF input. A frequency of 30 Hz is recommended
(CF = 1 µF). The PWM is also the time base for the
Start-up Timer (see Section 3.3, “Start-Up Timer”). The
PWM voltage control range is 1.25V to 2.65V (typical)
for 0% to 100% output duty cycle.
3.2
VOUT Output
The VOUT pin is designed to drive a low cost transistor
or MOSFET as the low side, power switching element
in the system. Various examples of driver circuits will be
shown throughout this data sheet. This output has
asymmetric complementary drive and is optimized for
driving NPN transistors or N-channel MOSFETs. Since
the system relies on PWM rather than linear control,
the power dissipation in the power switch is kept to a
minimum. Generally, very small devices (TO-92 or SOT
packages) will suffice.
3.3
Start-Up Timer
To ensure reliable fan start-up, the Start-up Timer turns
the VOUT output on for 32 cycles of the PWM whenever
the fan is started from the off state. This occurs at
power-up and when coming out of shutdown or auto-
shutdown mode. If the PWM frequency is 30 Hz
(CF = 1 µF), the resulting start-up time will be approxi-
mately one second. If a fan fault is detected, the Diag-
nostic Timer is triggered once, followed by the Start-up
Timer. If the fault persists, the device is shut down (see
Section 3.5, “FAULT Output”).
3.4
SENSE Input
(FanSense™ Technology)
The SENSE input (Pin 5) is connected to a low value
current sensing resistor in the ground return leg of the
fan circuit. During normal fan operation, commutation
occurs as each pole of the fan is energized. This
causes brief interruptions in the fan current, seen as
pulses across the sense resistor. If the device is not in
auto-shutdown or shutdown mode, and pulses are not
appearing at the SENSE input, a fault exists.
The short, rapid change in fan current (high dI/dt)
causes a corresponding dV/dt across the sense
resistor, RSENSE. The waveform on RSENSE is
differentiated and converted to a logic-level pulse-train
by CSENSE and the internal signal processing circuitry.
The presence and frequency of this pulse-train is a
direct indication of fan operation. See Section 5.0,
“Typical Applications”, for more details.
3.5
FAULT Output
The TC646 detects faults in two ways:
First, pulses appearing at SENSE due to the PWM
turning on are blanked, with the remaining pulses being
filtered by a missing pulse detector. If consecutive
pulses are not detected for thirty-two PWM cycles
(
≅1Sec if CF = 1 µF), the Diagnostic Timer is activated
and VOUT is driven high continuously for three PWM
cycles (
≅100 msec if CF = 1 µF). If a pulse is not
detected within this window, the Start-up Timer is trig-
gered (see Section 3.3, “Start-up Timer”). This should
clear a transient fault condition. If the missing pulse
detector times out again, the PWM is stopped and
FAULT goes low. When FAULT is activated due to this
condition, the device is latched in shutdown mode and
will remain off indefinitely. Therefore, the TC646 is pre-
vented from attempting to drive a fan under cata-
strophic fault conditions.
One of two things will restore operation: Cycling power
off and then on again or pulling VIN below VSHDN and
releasing it to a level above VREL. When one of these
two conditions is satisfied, the normal start-up cycle is
triggered and operation will resume if the fault has been
cleared.
The second condition by which the TC646 asserts a
FAULT is when the PWM control voltage applied to VIN
becomes greater than that needed to drive 100% duty
cycle (see Section 1.0, “Electrical Characteristics”).
This indicates that the fan is at maximum drive and the
potential exists for system overheating. Either heat dis-
sipation in the system has gone beyond the cooling
system’s design limits or some subtle fault exists (such
as fan bearing failure or an airflow obstruction). This
output may be treated as a “System Overheat” warning
and be used to trigger system shutdown or some other
corrective action.
However, in this case, the fan will continue to run even
when FAULT is asserted. If the system is allowed to
continue operation, and the temperature (and thus VIN)
falls, the FAULT output will become inactive when VIN
< VOTF.
3.6
Auto-Shutdown Mode
If the voltage on VIN becomes less than the voltage on
VAS, the fan is automatically shut off (auto-shutdown
mode). The TC646 exits auto-shutdown mode when
the voltage on VIN becomes higher than the voltage on
VAS by VHAS (the auto-shutdown Hysteresis Voltage
(see Figure 3-1)). The Start-up Timer is triggered and
normal operation is resumed upon exiting auto-shut-
down mode. The FAULT output is unconditionally
inactive in auto-shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com