Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642EV Datasheet(PDF) 4 Page - Microchip Technology

Part # TC642EV
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642EV Datasheet(HTML) 4 Page - Microchip Technology

  TC642EV Datasheet HTML 1Page - Microchip Technology TC642EV Datasheet HTML 2Page - Microchip Technology TC642EV Datasheet HTML 3Page - Microchip Technology TC642EV Datasheet HTML 4Page - Microchip Technology TC642EV Datasheet HTML 5Page - Microchip Technology TC642EV Datasheet HTML 6Page - Microchip Technology TC642EV Datasheet HTML 7Page - Microchip Technology TC642EV Datasheet HTML 8Page - Microchip Technology TC642EV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC642
DS21444C-page 4
 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
2.1
Analog Input (VIN)
The thermistor network (or other temperature sensor)
connects to the VIN input. A voltage range of 1.25V to
2.65V (typical) on this pin drives an active duty cycle of
0% to 100% on the VOUT pin.
2.2
Analog Output (CF)
CF is the positive terminal for the PWM ramp generator
timing capacitor. The recommended CF is 1 µF for
30 Hz PWM operation.
2.3
Analog Input (VMIN)
An external resistor divider connected to the VMIN input
sets the minimum fan speed by fixing the minimum
PWM duty cycle (1.25V to 2.65V = 0% to 100%, typi-
cal). The TC642 enters shutdown mode when VMIN ≤
VSHDN. During shutdown, the FAULT output is inactive
and supply current falls to 25 µA (typical). The TC642
exits shutdown mode when VMIN ≥ VREL (see
Section 5.0, “Typical Applications”).
2.4
Ground (GND)
GND denotes the ground terminal.
2.5
Analog Input (SENSE)
Pulses are detected at the SENSE pin as fan rotation
chops the current through a sense resistor. The
absence of pulses indicates a fault.
2.6
Digital Output (FAULT)
The FAULT line goes low to indicate a fault condition.
When FAULT goes low due to a fan fault condition, the
device is latched in shutdown mode until deliberately
cleared or until power is cycled. FAULT may be con-
nected to VMIN if a hard shutdown is desired. FAULT
will also be asserted when the PWM reaches 100%
duty cycle, indicating that maximum cooling capability
has been reached and a possible over-temperature
condition may occur. This is a non-latching state and
the FAULT output will go high when the PWM duty
cycle goes below 100%.
2.7
Digital Output (VOUT)
VOUT is an active high complimentary output that drives
the base of an external NPN transistor (via an appropri-
ate base resistor) or the gate of an N-channel MOS-
FET. This output has asymmetrical drive (see
Section 1.0, “Electrical Characteristics”).
2.8
Power Supply Input (VDD)
VDD may be independent of the fan’s power supply
(see Section 1.0, “Electrical Characteristics”).
Pin No.
Symbol
Description
1VIN
Analog Input
2CF
Analog Output
3VMIN
Analog Input
4
GND
Ground Terminal
5
SENSE
Analog Input
6FAULT
Digital (Open Collector) Output
7VOUT
Digital Output
8VDD
Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com