Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642EPA Datasheet(PDF) 25 Page - Microchip Technology

Part # TC642EPA
Description  PWM Fan Speed Controller with FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642EPA Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC642EPA Datasheet HTML 20Page - Microchip Technology TC642EPA Datasheet HTML 21Page - Microchip Technology TC642EPA Datasheet HTML 22Page - Microchip Technology TC642EPA Datasheet HTML 23Page - Microchip Technology TC642EPA Datasheet HTML 24Page - Microchip Technology TC642EPA Datasheet HTML 25Page - Microchip Technology TC642EPA Datasheet HTML 26Page - Microchip Technology TC642EPA Datasheet HTML 27Page - Microchip Technology TC642EPA Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2002 Microchip Technology Inc.
DS21444C-page25
TC642
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC642:
PWM Fan Speed Controller w/ Fault Detection
Temperature Range:
C
= 0
°C to +70°C
V= 0
°C to +85°C
E= -40
°C to +85°C
Package:
PA = Plastic DIP (300 mil Body), 8-lead *
OA = Plastic SOIC, (150 mil Body), 8-lead
UA = Plastic Micro Small Outline (MSOP), 8-lead **
* PDIP is only offered in the C and V temp ranges
** MSOP is only available in the V and E temp ranges
Examples:
a)
TC642COA: PWM Fan Speed Controller w/
Fault Detection, SOIC package.
b)
TC642COA713: PWM Fan Speed Controller
w/ Fault Detection, SOIC package, Tape and
Reel.
c)
TC642CPA: PWM Fan Speed Controller w/
Fault Detection, PDIP package.
d)
TC642EUA: PWM Fan Speed Controller w/
Fault Detection, MSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com