Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC654 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC654 Datasheet HTML 9Page - Microchip Technology TC654 Datasheet HTML 10Page - Microchip Technology TC654 Datasheet HTML 11Page - Microchip Technology TC654 Datasheet HTML 12Page - Microchip Technology TC654 Datasheet HTML 13Page - Microchip Technology TC654 Datasheet HTML 14Page - Microchip Technology TC654 Datasheet HTML 15Page - Microchip Technology TC654 Datasheet HTML 16Page - Microchip Technology TC654 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2002 Microchip Technology Inc.
DS21734A-page 13
TC654/TC655
See Section 7.4 for more details on selecting the
appropriate current sense resistor and coupling capac-
itor values.
FIGURE 4-7:
Fan Current Sensing.
By selecting F1PPR (bits 2-1<01>) and F2PPR (bits 4-
3<01>) in the Configuration Register, the TC654 and
TC655 can be programmed to calculate RPM data for
fans with 1, 2, 4 or 8 current pulses per rotation. The
default state assumes a fan with 2 pulses per rotation.
The measured RPM data is then stored in the RPM-
OUTPUT1 (RPM1, for SENSE1 input) and RPM-
OUTPUT2 (RPM2, for SENSE2 input) Registers.
These registers are 9-Bit read only registers which
store RPM data with 25 RPM resolution. By setting
RES (bit 6<0>) of the Configuration Register to a ‘1’,
the RPM data can be read with 25 RPM resolution. If
this Bit is left in the default state of '0', the RPM data will
only be readable with resolution of 50 RPMs, which
represents 8-Bit data.
The maximum fan RPM reading is 12775 RPM. If this
value is exceeded, counter overflow bits in the Status
Register are set. R1CO (bit 3<0>) and R2CO (bit 4<0>)
in the Status Register represent the RPM1 and RPM2
counter overflow bits for the RPM1 and RPM2 regis-
ters, respectively. These bits will automatically be reset
to zero if the fan RPM reading has been below the max-
imum value of 12775 RPM for 2.4 seconds.
See Table 6-1 for RPM1, RPM2 and Status Register
command byte assignments.
4.8
Fan Fault Threshold and
Indication (FAULT)
For the TC654 and TC655 devices, a fault condition
exists whenever a fan’s sensed RPM level falls below
the user programmable threshold. The RPM threshold
values for fan fault detection are set in the
FAN_FAULT1 and FAN_FAULT2 Registers (8-bit, read/
write).
The RPM threshold represents the fan speed at which
the TC654/TC655 devices will indicate a fan fault. This
threshold can be set at lower levels to indicate fan
locked rotor conditions or set to higher levels to give
indications for predictive fan failure. It is recommended
that the RPM threshold be at least 10% lower than the
minimum fan speed which occurs at the lowest duty
cycle set point. The default value for the fan RPM
thresholds is 500 RPM. If the fan's sensed RPM is less
than the fan fault threshold for 2.4 seconds (typical), a
fan fault condition is indicated.
When a fault condition, due to low fan RPM, occurs, a
logic low is asserted at the FAULT output. F1F (bit
0<0>) and F2F (bit 1<0>) in the Status Register are set
to ‘1’ for respective low RPM levels on the SENSE1
and SENSE2 inputs. The FAULT output and the fault
bits in the Status Register can be reset by setting
FFCLR (bit 7<0>) in the Configuration Register to a ‘1’.
For the TC655 device, a fault condition is also indicated
when an Over Temperature Fault condition occurs.
This condition occurs when the VOUT duty cycle
exceeds the 100% value indicating that no additional
cooling capability is available. For this condition, a logic
low is asserted at the FAULT output and OTF (bit 5<X>)
of the Status Register, the over temperature fault indi-
cator, is set to a ‘1’ (The TC654 also indicates an over
temperature condition via the OTF bit in the status reg-
ister). If the duty cycle then decreases below 100%, the
FAULT output will be released and OTF (bit 5<X>) of
the Status Register will be reset to ‘0’.
4.9
Low Power Shutdown Mode
Some applications may have operating conditions
where fan cooling is not required as a result of low
ambient temperature or light system load. During these
times it may be desirable to shut the fans down to save
power and reduce system noise.
The TC654/TC655 devices can be put into a low power
shutdown mode by setting SDM (bit 0<0>) in the Con-
figuration Register to a ‘1’ (this bit is the shutdown bit).
When the TC654/TC655 devices are in shutdown
mode, all functions except for the SMBus interface are
suspended. During this mode of operation, the TC654
and TC655 devices will draw a typical supply current of
only 5 µA. Normal operation will resume as soon as Bit
0 in the Configuration Register is reset to ‘0’.
SENSE2
SENSE1
VOUT
FAN
FAN
RISO1
RISO2
RSENSE2
RSENSE1
CSENSE2
CSENSE1
12
TC654/
TC655
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com