Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W949D6KB Datasheet(PDF) 21 Page - Winbond

Part # W949D6KB
Description  Power Down Mode
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W949D6KB Datasheet(HTML) 21 Page - Winbond

Back Button W949D6KB Datasheet HTML 17Page - Winbond W949D6KB Datasheet HTML 18Page - Winbond W949D6KB Datasheet HTML 19Page - Winbond W949D6KB Datasheet HTML 20Page - Winbond W949D6KB Datasheet HTML 21Page - Winbond W949D6KB Datasheet HTML 22Page - Winbond W949D6KB Datasheet HTML 23Page - Winbond W949D6KB Datasheet HTML 24Page - Winbond W949D6KB Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
W949D6KB / W949D2KB
Publication Release Date: Dec. 11, 2014
Revision: A01-002
- 21 -
7.6.3
Truth Table - DM Operations
FUNCTION
DM
DQ
NOTES
Write Enable
L
Valid
1
Write Inhibit
H
X
1
Note:
1.
Used to mask write data, provided coincident with the corresponding data.
7.6.4
Truth Table
– CKE
CKEn-1
CKEn
CURRENT STATE
COMMAND n
ACTION n
NOTES
L
L
Power Down
X
Maintain Power Down
L
L
Self Refresh
X
Maintain Self Refresh
L
L
Deep Power Down
X
Maintain Deep Power Down
L
H
Power Down
NOP or DESELECT
Exit Power Down
5, 6, 9
L
H
Self Refresh
NOP or DESELECT
Exit Self Refresh
5, 7, 10
L
H
Deep Power Down
NOP or DESELECT
Exit Deep Power Down
5, 8
H
L
All Banks Idle
NOP or DESELECT
Precharge Power Down Entry
5
H
L
Bank(s) Active
NOP or DESELECT
Active Power Down Entry
5
H
L
All Banks Idle
AUTO REFRESH
Self Refresh Entry
H
L
All Banks Idle
BURST TERMINATE
Enter Deep Power Down
H
H
See the other Truth Tables
Notes:
1.
CKEn is the logic state of CKE at clock edge n; CKEn-1 was the state of CKE at the previous clock edge.
2.
Current state is the state of LPDDR immediately prior to clock edge n.
3.
COMMAND n is the command registered at clock edge n, and ACTION n is the result of COMMAND n.
4.
All states and sequences not shown are illegal or reserved.
5.
DESELECT and NOP are functionally interchangeable.
6.
Power Down exit time (tXP) should elapse before a command other than NOP or DESELECT is issued.
7.
SELF REFRESH exit time (tXSR) should elapse before a command other than NOP or DESELECT is issued.
8.
The Deep Power-Down exit procedure must be followed as discussed in the Deep Power-Down section of the Functional
Description.
9.
The clock must toggle at least once during the tXP period.
10. The clock must toggle at least once during the tXSR time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com