Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 2 Page - Microchip Technology

  TC7116 Datasheet HTML 1Page - Microchip Technology TC7116 Datasheet HTML 2Page - Microchip Technology TC7116 Datasheet HTML 3Page - Microchip Technology TC7116 Datasheet HTML 4Page - Microchip Technology TC7116 Datasheet HTML 5Page - Microchip Technology TC7116 Datasheet HTML 6Page - Microchip Technology TC7116 Datasheet HTML 7Page - Microchip Technology TC7116 Datasheet HTML 8Page - Microchip Technology TC7116 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TC7116/A/TC7117/A
DS21457B-page 2
© 2002 Microchip Technology Inc.
Package Type
33
34
35
36
37
38
39
13
10
9
8
7
COMMON
V+
18 19 20 21
23 24
VIN+
NC
VIN-
B2
6
543
1 44
2
22
43 42 41 40
25 26 27 28
32
14
CAZ
31
15
VBUFF
30
16
VINT
E2
29
17
D3
11
12
NC
C2
D2
F2
A2
TC7116CLW
TC7116ACLW
TC7117CLW
TC7117ACLW
TC7116CPL
TC7116ACPL
TC7117CPL
TC7117ACPL
V-
CREF+
CREF-
F1
G1
E1
BP/
GND
27
28
29
30
31
32
33
7
4
3
2
1
NC
TC7116CKW
TC7116ACKW
TC7117CKW
TC7117ACKW
12 13 14 15
17 18
G3
44 43 42 41
39 38
40
16
37 36 35 34
19 20 21 22
26
8
25
9
24
10
23
11
5
6
C3
OSC3
TEST
NC
NC
HLDR
NC
OSC2
OSC1
A3
G3
POL
AB4
E3
F3
B3
D1
C1
B1
40-Pin PDIP
40-Pin CERDIP
44-Pin PLCC
44-Pin PQFP
1
2
3
4
OSC1
5
6
7
8
9
10
11
12
TEST
VREF+
COMMON
CAZ
HLDR
D2
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
(Minus Sign)
(Minus Sign)
10's
100's
1000's
(TC7116/7117)
(TC7116A/TC7117A)
(TC7116/7117)
(TC7116A/TC7117A)
100's
OSC2
OSC3
V+
CREF+
CREF-
VIN+
VIN-
VBUFF
VINT
V-
G2
C3
A3
G3
BP/GND
POL
D1
C1
B1
A1
F1
G1
E1
1's
TC7116IJL
TC7116AIJL
TC7117IJL
TC7117AIJL
1
2
3
4
OSC1
5
6
7
8
9
10
11
12
TEST
VREF+
COMMON
CAZ
HLDR
D2
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
10's
100's
1000's
100's
OSC2
OSC3
V+
CREF+
CREF-
VIN+
VIN-
VBUFF
VINT
V-
G2
C3
A3
G3
BP/GND
POL
D1
C1
B1
A1
F1
G1
E1
1's
Note
1: NC = No internal connection.
2: Pins 9, 25, 40 and 56 are connected to the die substrate. The potential at these pins is approximately V+. No external
connections should be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com