Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3477AMMX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3477AMMX/NOPB
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3477AMMX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3477AMMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3477AMMX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
IHYS =
MAX (VHYS - 50 x 10
-6 x R
SL x DMAX, 0)
RSN
(A)
RSN(MAX) =
VCL(0)(MIN) - DMAX (VCL(0)(MIN) - (VCL(100)(MIN) - 50 x 10
-6
x RSL))
VOUT(1-DMAX)
2 x L x fS
IOUT +
|
1.15 x IOUT
VCL(0)(MIN) - DMAX (VCL(0)(MIN) - (VCL(100)(MIN) - 50 x 10
-6
x RSL))
xx
xx
xx
xx
DUTY CYCLE (%)
0
20
40
60
80
0
100
200
100
VCL(0)
VSEN
VSEN(PEAK)
VCL(D)
32
11
VSL
'
VSL
'
VCL(100)
IHYS =
0.032
0.02
= 1.6A, LM3477
0.011
0.02
0.55A, LM3477A
|
=
0.032
RSN
(A), LM3477
0.011
RSN
(A), LM3477A
IHYS =
VHYS
RSN
=
=
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
The hysteretic threshold is derived in a similar manner, the only difference being that VSEN(peak) is compared
VC(min) (VHYS). Notice that VHYS does not vary with the duty cycle. The hysteretic threshold is predetermined by
the selection of RSN above. The hysteretic threshold is:
(13)
Continuing with the example above,
(14)
If the peak switch current decreases below this threshold, the LM3477/A will operate in hysteretic mode (see
OVER VOLTAGE PROTECTION). In some designs, it will be desired to use RSL so that lower valued inductors
can be used (see DEFAULT/ADJUSTABLE SLOPE COMPENSATION and POWER INDUCTOR SECTION).
Using RSL will lower the current limit and the hysteretic threshold. See Figure 27. RSL effectively adds an
additional slope to the existing slope of the VC waveform.
Figure 27. Current Limit and Hysteretic Threshold vs Duty Cycle with RSL
When RSL is used, the following equations apply:
(15)
(16)
where MAX(VHYS − 50x10
-6 x R
SL x DMAX, 0) is the smaller of the two values in the parenthesis and VHYS is
0.032V and 0.011V for the LM3477 and LM3477A, respectively. RSL can be used creatively to intentionally lower
the hysteretic threshold, allowing for better performance at lower loads. However, when RSL is used, there may
be a minimum load requirement (see START-UP/SOFT-START).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com