Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5116WG/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116WG/NOPB
Description  Wide Range Synchronous Buck Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116WG/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5116WG/NOPB Datasheet HTML 9Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 10Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 11Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 12Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 13Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 14Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 15Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 16Page - Texas Instruments LM5116WG/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Internal 5V rail
EN
6V
3 PA
VIN
VIN
0.1 PF
AGND
1
6
LM5116WG
www.ti.com
SNVS599D – OCTOBER 2008 – REVISED FEBRUARY 2013
Figure 28. Input Blocking Diode for VCCX > VIN
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 100V. During line or load transients, voltage ringing on the VIN line that exceeds the
Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and GND pins are essential.
Enable
The LM5116WG contains an enable function allowing a very low input current shutdown. If the enable pin is
pulled below 0.5V, the regulator enters shutdown, drawing less than 10 µA from the VIN pin. Raising the EN
input above 3.3V returns the regulator to normal operation. The maximum EN transition time for proper operation
is one switching period. For example, the enable rise time must be less than 4
μs for 250 kHz operation.
A 1 M
Ω pull-up resistor to VIN can be used to interface with an open collector control signal. At low input voltage
the pull-up resistor may be reduced to 100 k
Ω to speed up the EN transition time. The EN pin can be tied directly
to VIN if this function is not needed. It must not be left floating. If low-power shutdown is not needed, the UVLO
pin should be used as an on/off control.
Figure 29. Enable Circuit
Figure 30. EN Bias Current vs Voltage
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5116WG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com